Part Number Hot Search : 
S3C7434 W14902 W14902 M6800 C68HC70 C5030F0 A6812EEP TSP140B
Product Description
Full Text Search
 

To Download KIT3001A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ki t3001a rev. date: 28-jan- 11 ksd-xxxxxx-000 photo interrupter the contents of this data sheet are subject to change without advance notice for the purpose of improvement. when using this product, would you plea se refer to the latest specifications. description the photo interrupter high-perfo rmance standard type kit-3001a combines a high-output gaas ired wi th a high sensitivity phototransistor. features z with the installation positioning boss. z 3.0mm gap. z optical axis height from the mounting surface : 16.3mm z slim type. z rohs compliant. applications z vtr. z casette mecha. absolute maximum ratings (t a =25 , unless otherwise specified) characteristic symbol ratings unit power dissipation p d 75 ? forward current i f 50 ? reverse voltage v r 5 v input led pulse forward current *1 i fp 0.5 a collector dissipation p c 75 ? collector current i c 20 ? c-e voltage v ceo 30 v output detector e-c voltage v eco 5 v rate of decrease of temp. for forward current *2 ? i f / ? t a -0.67 ? / rate of decrease of temp. for collect. dissipation *2 ? p c / ? t a -1.00 ? / operating temperature *3 topr. -25 ~ 85 storage temperature *3 tstg. -40~ 100 soldering temperature *4 tsol. 260 *1 : pulse width tw 100 ? period t=10 ? *2 : ta 25 ~ topr (max.) *3 : no icebound or dew *4 : the soldering should be 1mm away from bottom of the hole within t=5sec
rev. date: 21-jan- 11 ksd-xxxxxx-000 k it3001a the contents of this data sheet are subject to change without advance notice for the purpose of improvement. when using this product, would you plea se refer to the latest specifications. electrical characteristics (t a =25 ) characteristic simbol min. typ. max. unit condition forward voltage v f - 1.2 1.4 v i f =20 ? reverse current i r - - 10 ? v r =5v input led peak wavelength p - 940 - ? i f =20 ? dark current i ceo - 1 100 ? v ce =10v, 0lx output detector peak wavelength p - 880 - ? - light current il 0.5 - 5 ? i f =20 ? , v ce =5v non shading leakage current i ceod - 0.5 10 ? i f =20 ? , v ce =5v shading c-e saturation voltage v ce (sat) - 0.15 0.4 v i f =20 ? , ic=0.05 ? rise time tr - 50 - ? transmission characteristics fall time tf - 50 - ? vcc=5v, ic=0.1 ? r l =1k ? * circuit for measuring response time out vcc in r l in out td tr tf 10 % 90% r
rev. date: 21-jan- 11 ksd-xxxxxx-000 k it3001a the contents of this data sheet are subject to change without advance notice for the purpose of improvement. when using this product, would you plea se refer to the latest specifications. package outline dimensions


▲Up To Search▲   

 
Price & Availability of KIT3001A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X